PART |
Description |
Maker |
0299080 0299020 0299025 0299030 0299035 0299040 02 |
MAXI Blade Fuse Rated 32V
|
LITTELFUSE[Littelfuse]
|
ST733C..LSERIES ST733C08LFM0 ST733C08LFL0 ST733C04 |
800V 1900A Inverter Thyristor in a TO-200AC (B-Puk) package 400V 1900A Inverter Thyristor in a TO-200AC (B-Puk) package INVERTER GRADE THYRISTORS Automotive Fuse; Current Rating:3A; Voltage Rating:32V; Fuse Type:Fast Acting; Body Material:Plastic; Fuse Terminals:Blade; Length:15.41mm; Series:297; Voltage Rating:32V; Fuse Size/Group:15.41 x 10.92 x 3.81mm RoHS Compliant: Yes Fuse Holder; Leaded Process Compatible:Yes; Mounting Type:Panel Mount RoHS Compliant: Yes
|
International Rectifier
|
225125 225100 25508080001 239250P 250R120 229350 2 |
2AG Fast-Acting Fuse Insulating Nuts for CF8 Fuse 5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse POLYFUSE Resettable PTCs Radial Leaded 2AG Slo-Blo Fuse Battery Clamp for CF8 Fuse Rated 58V SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
|
AZDISPLAYS LITTELFUSE[Littelfuse]
|
BC860CL BC860AL |
Leaded Cartridge Fuse; Current Rating:700mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes Automotive Fuse; Current Rating:15A; Voltage Rating:32V; Fuse Type:Fast Acting; Fuse Terminals:Blade; Length:18.54mm; Series:257; Fuse Size/Group:18.54 x 19.05 x 5.08mm 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
Ironwood Electronics
|
SPF002 SPF030 SPF030R SPF005 |
ELECTRIC FUSE, 5A, 1000VDC, 20000A (IR), INLINE/HOLDER Solar Rated Midget Fuse
|
Littelfuse
|
178-4265-0002 |
FLR PCB FUSE HOLDER FOR ATO? STYLE BLADE FUSE RATED 58V
|
Littelfuse
|
099707.5 |
MINIBlade Fuse Fuse Rated 58V
|
Littelfuse, Inc.
|
04981038HXFC |
32V DC ?200A ?In-Line ?Interlocking for Multi-Pole Fuse Holder Assemblies
|
Littelfuse
|
V350ME01 |
FUSE 2.00A 32V FAST THIN 0402 低成高性能压控振荡 LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
|
Z-Communications, Inc.
|
162.7049.4402 162.7049.4802 162.7049.5102 162.7049 |
Blade Fuse Rated 90V
|
Littelfuse
|
0214016.Z 0214020.Z 0214005.Z 0214005.LXN |
Thermoplastic Fuse Rated 36V
|
Littelfuse
|
156.5611.5801 156.5611.6101 156.5611.6111 156.5611 |
Fuse Strips with housing for rated voltage up to 80V
|
LITTELFUSE[Littelfuse]
|